Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06XS3517 Datasheet (PDF) - NXP Semiconductors

Part # 06XS3517
Description  Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
File Size   2234.96 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06XS3517 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - 06XS3517

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
06XS3517 FREESCALE-06XS3517 Datasheet
747Kb / 41P
Smart High Side Switch Module
06XS3517_V3 FREESCALE-06XS3517_V3 Datasheet
1Mb / 42P
Smart High Side Switch Module
More results


Similar Description - 06XS3517

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
Dual 24 V 6.0 mOhm High Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
Dual 6.0 mOhm High Side Switch
07XSF517 FREESCALE-07XSF517 Datasheet
1Mb / 72P
Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com