Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0914141 Datasheet (PDF) - PHOENIX CONTACT

Part # 0914141
Description  Thermomagnetic device circuit breaker - TMC 1 F1 100 6,0A
File Size   153.63 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0914141 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 0914141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914112 PHOENIX-0914112 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 3,0A
04.10.2012
0914125 PHOENIX-0914125 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 4,0A
04.10.2012
0914138 PHOENIX-0914138 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 5,0A
05.10.2012
0914167 PHOENIX-0914167 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 10,0A
11.06.2012
0914196 PHOENIX-0914196 Datasheet
412Kb / 10P
TMC 1 F1 200 0,2A - Thermal-magnetic device circuit breaker
More results


Similar Description - 0914141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914866 PHOENIX-0914866 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 6,0A
0914329 PHOENIX-0914329 Datasheet
101Kb / 7P
Thermomagnetic device circuit breaker - TMC 1 F1 200 6,0A
09/11/2020
0914015 PHOENIX-0914015 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 0.2A
11.06.2012
0914073 PHOENIX-0914073 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 1,0A
04.10.2012
0914099 PHOENIX-0914099 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 2,0A
11.06.2012
0914112 PHOENIX-0914112 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 3,0A
04.10.2012
0914125 PHOENIX-0914125 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 4,0A
04.10.2012
0914138 PHOENIX-0914138 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 5,0A
05.10.2012
0914167 PHOENIX-0914167 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 10,0A
11.06.2012
0914507 PHOENIX-0914507 Datasheet
155Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 6,0A
11.06.2012
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com