Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTA Datasheet (PDF) - auris-GmbH

Part # ZTA
Description  Resonator THT, 2 Pin
File Size   147.06 Kbytes
Html View  1 
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

ZTA Datasheet (PDF) - auris-GmbH



Similar Part No. - ZTA

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ZTA ECM-ZTA Datasheet
99Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTA ETC2-ZTA Datasheet
162Kb / 1P
CERAMIC RESONATOR
ZTA ETC2-ZTA Datasheet
61Kb / 1P
2.000MHz to 25.000MHz
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTA AEL-ZTA Datasheet
155Kb / 1P
Ceramic Resonators
More results


Similar Description - ZTA

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTACC AURIS-ZTACC Datasheet
125Kb / 1P
Resonator SMD, 2 Pin
ZTACV AURIS-ZTACV Datasheet
128Kb / 1P
Resonator SMD, 2 Pin
ZTB AURIS-ZTB Datasheet
163Kb / 1P
Resonator THT, 2 Pin
ZTT AURIS-ZTT Datasheet
163Kb / 1P
Resonator THT, 3 Pin
ZTTCC AURIS-ZTTCC Datasheet
143Kb / 1P
Resonator SMD, 3 Pin
ZTTCR AURIS-ZTTCR Datasheet
188Kb / 1P
Resonator SMD, 3 Pin
ZTY AURIS-ZTY Datasheet
59Kb / 1P
Resonator SMD, 2 Pin
logo
Sumida Corporation
DEP1519B SUMIDA-DEP1519B Datasheet
416Kb / 3P
Pin(THT) Power Inductor
logo
Wurth Elektronik GmbH &...
62002421121 WURTH-62002421121 Datasheet
287Kb / 6P
WR-PHD THT Straight Dual Pin Header
002.001
logo
List of Unclassifed Man...
ERL35 ETC-ERL35 Datasheet
184Kb / 1P
14-Pin, THT, Horizontal
07/17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com