| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
3026007
|
56Kb / 3P |
Potential distributors - ZRV 8-PV
|
|
3270131
|
190Kb / 16P |
Potential distributors - PTRV 4-FE /BKYE
09/12/2020 |
|
3270149
|
205Kb / 18P |
Potential distributors - PTRV 8-FE /BKYE
09/12/2020 |
|
1110987
|
2Mb / 20P |
Potential distributors - CAPAROC PD 0V
May 10, 2022 |
|
3270160
|
1,018Kb / 40P |
Potential distributors - PTRVB 8-FI /BK
May 16, 2022 |
|
3270227
|
1,011Kb / 38P |
Potential distributors - PTRVB 8-PV /BU
May 17, 2022 |
|
3270178
|
831Kb / 33P |
Potential distributors - FTRV 4-PV /BK
Jun 15, 2022 |
|
1337224
|
548Kb / 13P |
Potential distributors - AXL SE PD16 GND
Nov 16, 2022 |
|
1337225
|
569Kb / 13P |
Potential distributors - AXL SE PD8/8 24V/GND
Nov 16, 2022 |
|
2862987
|
377Kb / 8P |
Potential distributors - IB IL PD 24V-PAC
Dec 9, 2022 |