Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2147A0101000 Datasheet (PDF) - Belden Inc.

Part # 2147A0101000
Description  Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, OSP/CM-LS, LSZH
File Size   164.99 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2147A0101000 Datasheet (PDF) - Belden Inc.



Similar Part No. - 2147A0101000

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
2147 MULTICOMP-2147 Datasheet
233Kb / 1P
Power Inlet with Fuse Holder
23/05/22 V1.0
logo
Molex Electronics Ltd.
214750 MOLEX-214750 Datasheet
40Kb / 1P
Micro-Fit Connector System
07/27/2020
214750-1022 MOLEX-214750-1022 Datasheet
40Kb / 1P
Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm Length, Tin (Sn) Plating, 2 Circuits, Black
214750-1022 MOLEX-214750-1022 Datasheet
41Kb / 1P
Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm Length, Tin (Sn) Plating, 2 Circuits, Black
214750-1052 MOLEX-214750-1052 Datasheet
40Kb / 1P
Micro-Fit Connector System
07/27/2020
More results


Similar Description - 2147A0101000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1594A BELDEN-1594A Datasheet
158Kb / 3P
Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
2137A BELDEN-2137A Datasheet
164Kb / 3P
Category 5e Indoor/Outdoor OSP/CM-LS LSZH Cable
2022 Belden, Inc
2139A BELDEN-2139A Datasheet
161Kb / 2P
Category 5e Indoor/Outdoor Cable, 25 Pair, F/UTP, OSP/CM-LS, LSZH, CAT Armor
2022 Belden, Inc
10GB24 BELDEN-10GB24 Datasheet
171Kb / 3P
10GB Category 6A Small Diameter Cable, 4 Pair, U/UTP, LSZH Indoor CPR Eca
2022 Belden, Inc
10GX24 BELDEN-10GX24 Datasheet
183Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, LSZH
2022 Belden, Inc
2141A BELDEN-2141A Datasheet
156Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
2142A BELDEN-2142A Datasheet
154Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMR/CMX
2022 Belden, Inc
7965GLZ BELDEN-7965GLZ Datasheet
179Kb / 2P
Category 6 Cable, 4 Pair, U/UTP, LSZH Indoor CPR Eca
2022 Belden, Inc
DOSP6AU BELDEN-DOSP6AU Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
IOP6AU BELDEN-IOP6AU Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com