| Manufacturer | Part # | Datasheet | Description |
 Ulti-Mate Connector Inc |
SD-436141818
|
51Kb / 1P |
Micro-D PCB Standard Profile 25 Pin Jack Post Thru-Hole .075 x .100 (style 8) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
11-6-12 |
|
SD-436271117
|
54Kb / 1P |
Micro-D PCB Standard Profile 51 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-30-12 |
|
SD-436431117
|
45Kb / 1P |
Micro-D PCB Low Profile 21 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
9-26-13 |
|
SD-836171118
|
60Kb / 1P |
Micro-D PCB Standard Profile 51 Pin Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Threaded Insert Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
23MAR98 |
|
SD-836171127
|
49Kb / 1P |
Micro-D PCB Standard Profile 51 Pin Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.14 Tail Length Nickel Metal Shell 125 Max Temp No QPL
10-15-10 |
|
SD-836271417
|
59Kb / 1P |
Micro-D PCB Standard Profile 51 Socket Jack Post Thru-Hole .100 x .100 (style 4) Vertical Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
11-8-11 |
|
SD-836370117
|
64Kb / 1P |
Micro-D PCB Low Profile 51 Pin Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Cadmium Metal Shell 125 Max Temp No QPL
9-16-11 |
|
SD-839040077
|
63Kb / 1P |
Micro-D PCB Standard Profile 37 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Gold Plated Finish 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-2-13 |
|
SD-839040120
|
54Kb / 1P |
Micro-D PCB Standard Profile 15 Pin Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Gold Plated Finish 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-6-07 |
|
SD-839040154
|
63Kb / 1P |
Micro-D PCB Standard Profile 51 Socket Jack Post Thru-Hole .075 x .100 (style 6) Vertical Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-26-10 |