| Manufacturer | Part # | Datasheet | Description |
 Nexperia B.V. All right... |
PH6325L
|
433Kb / 15P |
N-channel 25 V 6.3 mΩ logic level MOSFET in LFPAK
Rev. 2 - 22 December 2011 |
|
PSMN1R2-25YL
|
724Kb / 13P |
N-channel 25 V 1.2 mΩ logic level MOSFET in LFPAK
Rev. 01 - 25 June 2009 |
|
PSMN1R7-30YL
|
913Kb / 15P |
N-channel 30 V 1.7 mΩ logic level MOSFET in LFPAK
Rev. 1 - 30 May 2011 |
|
PSMN2R0-30YL
|
828Kb / 14P |
N-channel 30 V 2 mΩ logic level MOSFET in LFPAK
Rev. 4 - 10 March 2011 |
|
PSMN2R5-30YL
|
985Kb / 14P |
N-channel 30 V 2.4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011 |
|
PSMN2R6-40YS
|
733Kb / 13P |
N-channel LFPAK 40 V 2.8 mΩ standard level MOSFET
Rev. 01 - 23 June 2009 |
|
PSMN3R0-30YL
|
828Kb / 15P |
N-channel 30 V 3 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011 |
|
PSMN4R0-25YLC
|
1,007Kb / 15P |
N-channel 25 V 4.5 mΩ logic level MOSFET in LFPAK
Rev. 01 - 2 December 2010 |
|
PSMN4R0-30YL
|
824Kb / 14P |
N-channel 30 V 4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011 |
|
PSMN5R0-30YL
|
822Kb / 14P |
N-channel 30 V 5 mΩ logic level MOSFET in LFPAK
Rev. 4 - 9 March 2011 |