Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA113 Datasheet (PDF) - TEWS Technologies GmbH

Part # TA113
Description  16x/8x ADC, 8x/4x DAC and 14x Digital I/O
File Size   471.15 Kbytes
Html View  1   2   3 
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TA113 Datasheet (PDF) - TEWS Technologies GmbH



Similar Part No. - TA113

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TA113 TEWS-TA113 Datasheet
761Kb / 3P
32/16 Single-Ended or 16/8 Differential A/D Channels
2020-01-30
TA113 TEWS-TA113 Datasheet
371Kb / 3P
16/8 Channel Voltage & Current Range D/A
2017-08-31
logo
TAI-SAW TECHNOLOGY CO.,...
TA1130A TAI-SAW-TA1130A Datasheet
425Kb / 8P
SAW Filter 763 MHz
logo
Golledge Electronics Lt...
TA1130A GOLLEDGE-TA1130A Datasheet
131Kb / 7P
SAW Filter 763MHz
logo
Transko Electronics, In...
TA1130AM TRANSKO-TA1130AM Datasheet
407Kb / 4P
Wireless, RF SAW Filter
Revision 0: May 2009
More results


Similar Description - TA113

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-20 PLL-PLL602-20 Datasheet
196Kb / 6P
200MHz XO IC With Selectable 4X/8X Multiplier
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Cirrus Logic
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
Molex Electronics Ltd.
1002200100 MOLEX-1002200100 Datasheet
864Kb / 5P
8X HD LEFT EXIT TO 8X HD 100 OHM
2018/08/28
1002205101 MOLEX-1002205101 Datasheet
1Mb / 5P
8X HD RIGHT EXIT TO 8X HD 100 OHM
2018/08/28
2050581000 MOLEX-2050581000 Datasheet
1Mb / 4P
8X STR NPIO TO 8X STR NPIO 2PC LATCH
2019/08/02
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com