| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCV8660
|
177Kb / 14P |
Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9 |
|
NCV8660B
|
187Kb / 12P |
Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2 |
|
NCV8665
|
147Kb / 11P |
150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1 |
|
NCV8772
|
209Kb / 14P |
Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3 |
|
NCV8772
|
310Kb / 17P |
Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3 |
|
NCV8675DT50RKG
|
201Kb / 16P |
350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7 |
|
NCV8660C
|
144Kb / 11P |
Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0 |
|
NCV8669
|
212Kb / 14P |
Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1 |
|
NCV8770
|
210Kb / 13P |
Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1 |
|
NCV8775C
|
225Kb / 15P |
Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1 |