Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0914798 Datasheet (PDF) - PHOENIX CONTACT

Part # 0914798
Description  TMC 2 F1 120 1,0A - Thermal-magnetic device circuit breaker
File Size   312.6 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0914798 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 0914798

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914701 PHOENIX-0914701 Datasheet
126Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 200 10,0A
04.10.2012
0914724 PHOENIX-0914724 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 0,1A
2/3/14
0914725 PHOENIX-0914725 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 32,0A
2/3/14
0914726 PHOENIX-0914726 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 25,0A
2/3/14
0914729 PHOENIX-0914729 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 20,0A
2/3/14
More results


Similar Description - 0914798

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914730 PHOENIX-0914730 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,2A
0914743 PHOENIX-0914743 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,3A
0914756 PHOENIX-0914756 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,4A
0914769 PHOENIX-0914769 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,5A
0914785 PHOENIX-0914785 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,8A
0914808 PHOENIX-0914808 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 1,5A
0914824 PHOENIX-0914824 Datasheet
90Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 2,5A
0914879 PHOENIX-0914879 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 8,0A
0914073 PHOENIX-0914073 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 1,0A
04.10.2012
0914976 PHOENIX-0914976 Datasheet
128Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 1,0A
04.10.2012
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com