Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCDC18R Datasheet (PDF) - Campbell Scientific United Kingdom

Part # DCDC18R
Description  12 to 18 Vdc Boost Regulator
File Size   329.34 Kbytes
Html View  1 
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

DCDC18R Datasheet (PDF) - Campbell Scientific United Kingdom



Similar Part No. - DCDC18R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCD010 SANYO-DCD010 Datasheet
20Kb / 2P
Diodes
logo
Vicor Corporation
DCD24AP120T320A50 VICOR-DCD24AP120T320A50 Datasheet
2Mb / 25P
DCM??DC-DC Converter
DCD24AP150T320A50 VICOR-DCD24AP150T320A50 Datasheet
2Mb / 25P
DCM??DC-DC Converter
DCD24AP280T320A50 VICOR-DCD24AP280T320A50 Datasheet
2Mb / 25P
DCM DC-DC Converter
DCD24AP360T320A50 VICOR-DCD24AP360T320A50 Datasheet
2Mb / 25P
DCM??DC-DC Converter
More results


Similar Description - DCDC18R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC1212W12 WALL-LANC1212W12 Datasheet
876Kb / 14P
DC/DC Converter 9-18 VDC Input 12 VDC Output at 1.0A
LANC2412W12 WALL-LANC2412W12 Datasheet
1Mb / 14P
DC/DC Converter 18-36 VDC Input 12 VDC Output at 1.0A
LANC4812UW12 WALL-LANC4812UW12 Datasheet
910Kb / 14P
DC/DC Converter 18-75 VDC Input 12 VDC Output at 1.0A
logo
JMK Inc.
ZG-1589-18 JMK-ZG-1589-18 Datasheet
58Kb / 1P
Operating Voltage = 12 Vdc Operating Current = 18 Amperes
ZG-1633-18 JMK-ZG-1633-18 Datasheet
60Kb / 1P
Operating Voltage = 12 Vdc Operating Current = 18 Amperes
logo
MicroPower Direct, LLC
MDCFM-18W-50 MPD-MDCFM-18W-50 Datasheet
597Kb / 2P
18 to 75 VDC Input
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
Synchronous Boost Regulator
logo
Mallory Sonalert Produc...
STA20302 MSPI-STA20302 Datasheet
256Kb / 1P
Voltage Rating 12 to 24 Vdc
STA22702W MSPI-STA22702W Datasheet
239Kb / 1P
Voltage Rating 12 to 24 Vdc
logo
Bel Fuse Inc.
0RCY-60U12C BEL-0RCY-60U12C Datasheet
750Kb / 18P
18 - 75 VDC Input 12 VDC / 7 A Output
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com