Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82-4151_2000 Datasheet (PDF) - EAO AG.

Part # 82-4151_2000
Description  Pushbutton Ø 16 mm silver contact
File Size   414.46 Kbytes
Html View  1   2   3   4   5 
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

82-4151_2000 Datasheet (PDF) - EAO AG.



Similar Part No. - 82-4151_2000

ManufacturerPart #DatasheetDescription
logo
EAO AG.
82-4151_2000_B001 EAO-82-4151_2000_B001 Datasheet
490Kb / 5P
Pushbutton Ø 16 mm silver contact
More results


Similar Description - 82-4151_2000

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
Wiping Contact Pushbutton Switches
30-3UL GRAYHILL-30-3UL Datasheet
164Kb / 4P
Butt Contact Pushbutton Switches
39-101 GRAYHILL-39-101 Datasheet
78Kb / 1P
Butt Contact Pushbutton Switches
30-1UL GRAYHILL-30-1UL Datasheet
164Kb / 4P
Butt Contact Pushbutton Switches
30-1-E GRAYHILL-30-1-E Datasheet
164Kb / 4P
Butt Contact Pushbutton Switches
logo
EAO AG.
82-4551.1124 EAO-82-4551.1124 Datasheet
429Kb / 2P
Illuminated pushbutton 16 mm Aluminium, momentary
05.09.2022
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
Emergency stop switches • panel cut-out Ø 16 mm
2018
HSPL8568 ETC-HSPL8568 Datasheet
576Kb / 1P
Ø 4 mm-Sicherheits-Programm CAT IV , Ø 4 mm Safety Programme CAT IV
logo
WECO ELECTRICAL CONNECT...
931-SLS WECO-931-SLS Datasheet
69Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
04.18
971-SLR WECO-971-SLR Datasheet
70Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
07.19
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com