Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPM2101 Datasheet (PDF) - Qorvo, Inc

Part # QPM2101
Description  2.5 – 4.0 GHz Multi-Chip T/R Module
File Size   1049.59 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPM2101 Datasheet (PDF) - Qorvo, Inc



Similar Part No. - QPM2101

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPM2100 QORVO-QPM2100 Datasheet
1Mb / 17P
2.5 ??4.0 GHz Multi-Chip T/R Module
QPM2100EVB02 QORVO-QPM2100EVB02 Datasheet
1Mb / 17P
2.5 ??4.0 GHz Multi-Chip T/R Module
QPM2100SR QORVO-QPM2100SR Datasheet
1Mb / 17P
2.5 ??4.0 GHz Multi-Chip T/R Module
More results


Similar Description - QPM2101

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AW002R2-12 ALPHA-AW002R2-12 Datasheet
24Kb / 2P
GaAs SPDT IC 10 Watt T/R Switch DC-2.5 GHz
logo
Hittite Microwave Corpo...
HMC154S8 HITTITE-HMC154S8 Datasheet
174Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195 Datasheet
198Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
logo
Skyworks Solutions Inc.
AS216-339 SKYWORKS-AS216-339 Datasheet
64Kb / 3P
GaAs SPDT IC 7 W T/R Switch DC-2.5 GHz
logo
Hittite Microwave Corpo...
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC154S8 HITTITE-HMC154S8_05 Datasheet
244Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
logo
Qorvo, Inc
QPM2637 QORVO-QPM2637 Datasheet
1Mb / 18P
9 ??10.5 GHz GaN T/R Module
QPM1002 QORVO-QPM1002 Datasheet
1Mb / 23P
8.5 ??10.5 GHz GaN T/R Module
QPM2100 QORVO-QPM2100 Datasheet
1Mb / 17P
2.5 ??4.0 GHz Multi-Chip T/R Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com