Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16RIA10 Datasheet (PDF) - Vishay Siliconix

Part # 16RIA10
Description  Medium Power Thyristors (Stud Version), 16 A
File Size   151.97 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16RIA10 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 16RIA10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16RIA10 IRF-16RIA10 Datasheet
226Kb / 9P
MEDIUM POWER THYRISTORS
16RIA100 IRF-16RIA100 Datasheet
226Kb / 9P
MEDIUM POWER THYRISTORS
16RIA100M IRF-16RIA100M Datasheet
226Kb / 9P
MEDIUM POWER THYRISTORS
16RIA100MS90 IRF-16RIA100MS90 Datasheet
226Kb / 9P
MEDIUM POWER THYRISTORS
16RIA100S90 IRF-16RIA100S90 Datasheet
226Kb / 9P
MEDIUM POWER THYRISTORS
More results


Similar Description - 16RIA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 10 A
06-Jun-08
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
Medium Power Thyristors (Stud Version), 22 A
19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
Medium Power Thyristors (Stud Version), 25 A
19-Sep-08
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
Medium Power Thyristors (Stud Version), 50 A
19-Sep-08
logo
Nell Semiconductor Co.,...
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
Medium Power Thyristors (Stud Version), 25A
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
Medium Power Thyristors (Stud Version), 50A
logo
Vishay Siliconix
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 50 A
21-Sep-17
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 10 A
21-Sep-17
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 16 A
21-Sep-17
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 22 A
21-Sep-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com