Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF28150J Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # UF28150J
Description  RF Power MOSFET Transistor 150W, 100MHz-500MHz, 28V
File Size   213.37 Kbytes
Html View  1   2   3 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF28150J Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - UF28150J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
UF28150J MACOM-UF28150J Datasheet
171Kb / 3P
POWER MOSFET TRANSISTOR 150 WATTS, 100 - 500 MHz, 28 V
logo
M/A-COM Technology Solu...
UF28150J MA-COM-UF28150J Datasheet
213Kb / 3P
RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_15 Datasheet
213Kb / 3P
RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_17 Datasheet
731Kb / 4P
RF Power MOSFET Transistor
More results


Similar Description - UF28150J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
UF2815B MACOM-UF2815B Datasheet
203Kb / 3P
RF MOSFET Power Transistor, 15W, 28V 100-500MHz
UF28100V MACOM-UF28100V Datasheet
208Kb / 3P
RF MOSFET Power Transistor, 15W, 28V 100-500MHz
UF2810P MACOM-UF2810P Datasheet
148Kb / 2P
RF MOSFET Power Transistor, 10W, 28V 100-500MHz
logo
M/A-COM Technology Solu...
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU_17 Datasheet
1Mb / 17P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
The RF MOSFET Line 150W, 500MHz, 28V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com