Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC195 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC195
Description  GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
File Size   273.78 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC195 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC195

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC195 HITTITE-HMC195 Datasheet
198Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
More results


Similar Description - HMC195

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC154S8 HITTITE-HMC154S8 Datasheet
174Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC195 HITTITE-HMC195 Datasheet
198Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC154S8 HITTITE-HMC154S8_05 Datasheet
244Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Analog Devices
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
HMC544A AD-HMC544A Datasheet
315Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com