| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTJD4105C
|
77Kb / 8P |
Small Signal MOSFET 20 V / ??.0 V, Complementary, 0.63 A / ??.775 A, SC??8
January, 2004 ??Rev. 1 |
|
NTJS4405N
|
131Kb / 5P |
Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4 |
|
NTJD4401N
|
66Kb / 5P |
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3 |
|
NTJD3158C
|
102Kb / 7P |
Power MOSFET 20 V, 0.63/-0.82 A, SC-88 Complementary, ESD Protected
January, 2008 - Rev. 0 |
|
NTJS4160N
|
87Kb / 5P |
Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
March, 2008 - Rev. 1 |
|
NTS4172N
|
107Kb / 5P |
Power MOSFET 30 V, 1.7 A, Single N?묬hannel, SC??0
June, 2008 ??Rev. 0 |
|
2N7002W
|
107Kb / 5P |
Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2 |
|
NTJD4152P
|
93Kb / 5P |
Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2 |
|
NTJD4401N
|
86Kb / 5P |
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4 |
|
NTS4001N
|
236Kb / 7P |
MOSFET – Single, N-Channel, Small Signal, SC-70 30 V, 270 mA
June, 2019 - Rev. 5 |