| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMS4176P
|
91Kb / 5P |
Power MOSFET -30 V, -9.6 A, P-Channel, SOIC-8
March, 2008 - Rev. 0 |
|
NTMS4177P
|
91Kb / 5P |
Power MOSFET -30 V, -11.4 A, P-Channel, SOIC-8
March, 2008 - Rev. 0 |
|
NTMS4802N
|
116Kb / 5P |
Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0 |
|
NTMS4840N
|
141Kb / 5P |
Power MOSFET 30 V, 7.5 A, Single N?묬hannel, SOIC??
September, 2009 ??Rev. 1 |
|
NTMS4873NF
|
120Kb / 6P |
Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1 |
|
NTMD4840N
|
141Kb / 5P |
Power MOSFET 30 V, 7.5 A, Dual N?묬hannel, SOIC??
September, 2009 ??Rev. 1 |
|
NTMFS4708N
|
98Kb / 5P |
Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 2 |
|
NTMFS4709N
|
90Kb / 6P |
Power MOSFET 30 V, 94 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 3 |
|
NTMD6N03R2G
|
343Kb / 8P |
Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3 |
|
NVMD6N03R2G
|
343Kb / 8P |
Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3 |