| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX3667
|
138Kb / 12P |
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98 |
|
MAX3668
|
435Kb / 12P |
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00 |
|
MAX3737
|
920Kb / 17P |
Multirate Laser Driver with Extinction Ratio Control
19-2818; Rev 1; 8/03 |
|
MAX3738
|
403Kb / 14P |
1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04 |
|
MAX3646
|
832Kb / 14P |
155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04 |
|
MAX3738
|
362Kb / 16P |
155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08 |
|
MAX3737
|
509Kb / 16P |
Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Rev 3; 6/11 |
|
MAX3738
|
441Kb / 16P |
155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11 |
|
MAX3668
|
871Kb / 12P |
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05 |
|
MAX3667
|
644Kb / 12P |
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003 |