Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-327-DB Datasheet (PDF) - List of Unclassifed Manufacturers

Part # S-327-DB
Description  300 Series Deep Bracket (DB)
File Size   45.21 Kbytes
Html View  1 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-327-DB Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - S-327-DB

ManufacturerPart #DatasheetDescription
logo
Cinch Connectivity Solu...
S-327-AB CINCH-S-327-AB Datasheet
308Kb / 7P
[.050” (1.27mm) Density Solder Cup/Wire D-Microminiature] Multiple Density Solder Eyelet With Angle Bracket/Less Angle Bracket
S-327-LAB CINCH-S-327-LAB Datasheet
308Kb / 7P
[.050” (1.27mm) Density Solder Cup/Wire D-Microminiature] Multiple Density Solder Eyelet With Angle Bracket/Less Angle Bracket
More results


Similar Description - S-327-DB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-155 MACOM-AM-AMC-155 Datasheet
223Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-155 MA-COM-AM-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
KR Electronics, Inc.
2961 KR-2961 Datasheet
59Kb / 3P
300 MHz minimum 1 dB BW
2961-SMA KR-2961-SMA Datasheet
74Kb / 3P
300 MHz minimum 1 dB BW
logo
NXP Semiconductors
AN11293 NXP-AN11293 Datasheet
372Kb / 19P
BGA3012 - 5 MHz to 300 MHz 12 dB reverse amplifier
Rev. 1-14 February 2013
AN11294 NXP-AN11294 Datasheet
371Kb / 19P
BGA3015 - 5 MHz to 300 MHz 15 dB reverse amplifier
Rev. 1-14 February 2013
logo
Weidmuller
1059000000 WEIDMULLER-1059000000 Datasheet
339Kb / 4P
W-Series, End bracket
October 6, 2021
logo
TRACO Electronic AG
TFI300 TRACOPOWER-TFI300 Datasheet
325Kb / 4P
TFI 300 Series, 300 Watt
Rev. July 7, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com