Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2223 Datasheet (PDF) - TriQuint Semiconductor

Part # TGL2223
Description  0.1-31 GHz 5-Bit Attenuator
File Size   1191.53 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2223 Datasheet (PDF) - TriQuint Semiconductor



Similar Part No. - TGL2223

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2223 QORVO-TGL2223 Datasheet
911Kb / 12P
1 – 31GHz 5-Bit Digital Attenuator
January 2024
logo
TriQuint Semiconductor
TGL2223-SM TRIQUINT-TGL2223-SM Datasheet
915Kb / 13P
0.1-31 GHz 5-Bit Attenuator
logo
Qorvo, Inc
TGL2223-SM QORVO-TGL2223-SM Datasheet
867Kb / 11P
1 ??31GHz 5-Bit Digital Attenuator
logo
TriQuint Semiconductor
TGL2223-SM TRIQUINT-TGL2223-SM_15 Datasheet
915Kb / 13P
0.1-31 GHz 5-Bit Attenuator
More results


Similar Description - TGL2223

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
AT-357 MACOM-AT-357 Datasheet
34Kb / 2P
GaAs Digital Attenuator, 31 dB, 5 Bit DC - 2 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATGM0004 MACOM-MAATGM0004 Datasheet
230Kb / 6P
Attenuator, Digital, 5-Bit 0.1 - 20.0 GHz
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
TriQuint Semiconductor
TGL2223-SM TRIQUINT-TGL2223-SM_15 Datasheet
915Kb / 13P
0.1-31 GHz 5-Bit Attenuator
logo
M/A-COM Technology Solu...
AT-357 MA-COM-AT-357_15 Datasheet
632Kb / 4P
GaAs Digital Attenuator 31 dB, 5-Bit, DC-2 GHz
logo
Analog Devices
HMC-C584 AD-HMC-C584 Datasheet
232Kb / 9P
0.1 GHz to 40 GHz, 31 dB, 5-Bit Digital Attenuator
9/2016-Revision 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com