| Manufacturer | Part # | Datasheet | Description |
 Zetex Semiconductors |
ZXTN2005Z
|
105Kb / 6P |
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
|
|
ZX5T869Z
|
103Kb / 6P |
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
|
 Diodes Incorporated |
ZXTN2005Z
|
110Kb / 6P |
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005 |
|
ZXTP19100CZ
|
429Kb / 8P |
100V PNP medium power transistor in SOT89
FEBRUARY 2008 |
|
ZXTP25040DZ
|
392Kb / 8P |
40V PNP medium power transistor in SOT89
DECEMBER 2007 |
|
BCX5316Q
|
363Kb / 7P |
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2 |
|
BSR33
|
294Kb / 7P |
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 5 |
|
2DB1386Q
|
267Kb / 6P |
20V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7 |
|
FCX591
|
437Kb / 7P |
60V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 4 |
|
ZXTN2005Z
|
110Kb / 6P |
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005 |