Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXAC243502FV Datasheet (PDF) - Infineon Technologies AG

Part # PXAC243502FV
Description  High Power RF LDMOS Field Effect Transistor
File Size   1367.23 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC243502FV Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - PXAC243502FV

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC243502FVV1R0 INFINEON-PXAC243502FVV1R0 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC243502FVV1R0XTMA1 INFINEON-PXAC243502FVV1R0XTMA1 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC243502FVV1R250 INFINEON-PXAC243502FVV1R250 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC243502FVV1R250XTMA1 INFINEON-PXAC243502FVV1R250XTMA1 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
More results


Similar Description - PXAC243502FV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTFC270101M INFINEON-PTFC270101M_15 Datasheet
409Kb / 21P
High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PTFB183408SV INFINEON-PTFB183408SV Datasheet
248Kb / 15P
High Power RF LDMOS Field Effect Transistor
Rev. 03, 2014-03-07
PTFB201402FC INFINEON-PTFB201402FC Datasheet
841Kb / 14P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
logo
Renesas Technology Corp
NEM090303M-28 RENESAS-NEM090303M-28 Datasheet
295Kb / 12P
LDMOS FIELD EFFECT TRANSISTOR
2003
NEM090603M-28 RENESAS-NEM090603M-28 Datasheet
302Kb / 11P
LDMOS FIELD EFFECT TRANSISTOR
2006
NEM090853P-28 RENESAS-NEM090853P-28 Datasheet
283Kb / 10P
LDMOS FIELD EFFECT TRANSISTOR
2004
NEM091203P-28 RENESAS-NEM091203P-28 Datasheet
310Kb / 13P
LDMOS FIELD EFFECT TRANSISTOR
2005
NEM091603P-28 RENESAS-NEM091603P-28 Datasheet
306Kb / 11P
LDMOS FIELD EFFECT TRANSISTOR
2008
NEM091803S-28 RENESAS-NEM091803S-28 Datasheet
271Kb / 9P
LDMOS FIELD EFFECT TRANSISTOR
2004
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com