Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR193W Datasheet (PDF) - Infineon Technologies AG

Part # BFR193W
Description  For low noise, high-gain amplifiers up to 2 GHz
File Size   660.91 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR193W Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - BFR193W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
logo
Infineon Technologies A...
BFR193W INFINEON-BFR193W Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFR193W INFINEON-BFR193W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
2007-03-30
logo
Inchange Semiconductor ...
BFR193W ISC-BFR193W Datasheet
461Kb / 2P
Silicon NPN RF Power Transistor
logo
Infineon Technologies A...
BFR193W INFINEON-BFR193W_07 Datasheet
77Kb / 7P
NPN Silicon RF Transistor
2007-03-30
More results


Similar Description - BFR193W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193 SIEMENS-BFP193 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFY196 SIEMENS-BFY196 Datasheet
120Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
For high gain low noise amplifiers
2009-12-02
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com