Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBTZ9780 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # XBTZ9780
Description  Uni-Telway/Modbus serial link
File Size   48.63 Kbytes
Html View  1 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XBTZ9780 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - XBTZ9780

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XBTZ9780 SCHNEIDER-XBTZ9780 Datasheet
107Kb / 2P
Uni-Telway/Modbus serial link - L = 2.5 m - 1 male mini DIN 1 RJ45
May 2, 2022
More results


Similar Description - XBTZ9780

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TSXCSA100 SCHNEIDER-TSXCSA100 Datasheet
131Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 100 m
DEC 31, 2021
TSXCSA200 SCHNEIDER-TSXCSA200 Datasheet
130Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 200 m
DEC 31, 2021
TSXCSA500 SCHNEIDER-TSXCSA500 Datasheet
132Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 500 m
DEC 31, 2021
TM5PCRS2 SCHNEIDER-TM5PCRS2 Datasheet
173Kb / 3P
ASCII serial link communication module, Modicon TM5, modbus/ ASCII PCI RS232
Apr 6, 2022
TM5PCRS4 SCHNEIDER-TM5PCRS4 Datasheet
174Kb / 3P
ASCII serial link communication module, Modicon TM5, modbus/ ASCII PCI RS485
Apr 6, 2022
VW3A8306R10 SCHNEIDER-VW3A8306R10 Datasheet
87Kb / 2P
cable for Modbus serial link - 2 x RJ45 - cable 1 m
Apr 19, 2022
VW3A8306R30 SCHNEIDER-VW3A8306R30 Datasheet
87Kb / 2P
cable for Modbus serial link - 2 x RJ45 - cable 3 m
Apr 20, 2022
XBTZ908 SCHNEIDER-XBTZ908 Datasheet
109Kb / 2P
Uni-Telway/Modbus serial link - L = 1.8 m - 1 female SUB-D 15 1 SUB-D 25
May 2, 2022
XBTZ9780 SCHNEIDER-XBTZ9780 Datasheet
107Kb / 2P
Uni-Telway/Modbus serial link - L = 2.5 m - 1 male mini DIN 1 RJ45
May 2, 2022
XBTZ9782 SCHNEIDER-XBTZ9782 Datasheet
106Kb / 2P
Uni-Telway/Modbus serial link - L = 10 m - 1 male mini DIN 1 RJ45
May 2, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com