| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGHV14250
|
1Mb / 11P |
250 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
Rev 1.0 |
|
CGHV14500
|
1Mb / 11P |
500 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
Rev 3.1 |
|
CGHV35060MP
|
573Kb / 6P |
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 0 |
|
CGHV14800
|
765Kb / 9P |
800 W, 1200 - 1400 MHz, 50 V, GaN HEMT for L-Band Radar Systems
Rev 0.2 |
|
CGHV35060MP
|
1Mb / 8P |
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 1.0 |
|
CGHV37400F
|
815Kb / 11P |
400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
|
 WOLFSPEED, INC. |
CGHV14250
|
1Mb / 12P |
250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30 |
|
CGHV14500
|
3Mb / 20P |
500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27 |
|
CGHV35120F
|
837Kb / 12P |
120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems
Rev. 1.0, 2022-8-3 |
|
CGHV35150
|
1Mb / 10P |
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2 |