| Electronic Components Datasheet Search |
|
3P3R0 Marking, AP3P3R0MT Datasheet(PDF) 2 Page - Advanced Power Electronics Corp. |
|
||||||||||||||||||||||||||||||
AP3P3R0MT Datasheet(HTML) 2 Page - Advanced Power Electronics Corp. |
|
2 / 6 page ![]() Electrical Characteristics@Tj=25 oC(unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Units BVDSS Drain-Source Breakdown Voltage VGS=0V, ID=-250uA -30 - - V RDS(ON) Static Drain-Source On-Resistance 2 VGS=-10V, ID=-20A - - 3 mΩ VGS=-4.5V, ID=-10A - - 4.5 mΩ VGS(th) Gate Threshold Voltage VDS=VGS, ID=-250uA -1 - -3 V gfs Forward Transconductance VDS=-5V, ID=-20A - 67 - S IDSS Drain-Source Leakage Current VDS=-24V, VGS=0V - - -10 uA IGSS Gate-Source Leakage VGS=+20V, VDS=0V - - +100 nA Qg Total Gate Charge ID=-20A - 76 122 nC Qgs Gate-Source Charge VDS=-15V - 24 - nC Qgd Gate-Drain ("Miller") Charge VGS=-4.5V - 26 - nC td(on) Turn-on Delay Time VDS=-15V - 19 - ns tr Rise Time ID=-1A - 12 - ns td(off) Turn-off Delay Time RG=3.3Ω - 160 - ns tf Fall Time VGS=-10V - 74 - ns Ciss Input Capacitance VGS=0V - 9400 15040 pF Coss Output Capacitance VDS=-15V - 1230 - pF Crss Reverse Transfer Capacitance f=1.0MHz - 680 - pF Rg Gate Resistance f=1.0MHz - 3 6 Ω Source-Drain Diode Symbol Parameter Test Conditions Min. Typ. Max. Units VSD Forward On Voltage 2 IS=-20A, VGS=0V - - -1.2 V trr Reverse Recovery Time IS=-20A, VGS=0V, - 36 - ns Qrr Reverse Recovery Charge dI/dt=100A/µs - 30 - nC Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse test 4.Package limitation current is 60A . 5.Starting Tj=25 oC , V DD=-30V , L=0.1mH , RG=25Ω THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION. USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED. APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AP3P3R0MT 3.Surface mounted on 1 in 2 copper pad of FR4 board, t <10sec 2 . |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |