| Electronic Components Datasheet Search |
|
LPS Marking, LP3219 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP3219 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc |
|
2 / 12 page ![]() LP3219-04 Apr.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 2 of 12 Preliminary Datasheet LP3219 Typical Application Circuit Functional Pin Description Package Type Pin Configurations SOT23-5 VIN GND EN LX FB 1 2 3 4 5 Top View Pin Description Pin Name Description 1 EN Enable pin. Active high. There is an internal 500K resistor pull down when EN is floating. 2 GND Ground. 3 LX Switch Mode Connection to Inductor. This pin connects to the drains of the internal main and synchronous power MOSFET switches. 4 Vin Supply Input. Power supply input pin. Must be closely decoupled to AGND with a 22μF or greater ceramic capacitor. 5 FB Feedback Input. Connect FB to the center point of the external resistor divider. Normal voltage for this pin is 0.6V. EN 1 LX 3 GND 2 FB 5 VIN 4 LP3219 1.0uH C2 22uF R1 20K R2 10K C1 22uF VIN VOUT C3 22pF |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |