| Electronic Components Datasheet Search |
|
LPS Marking, LP3219 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP3219 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 12 page ![]() LP3219-04 Apr.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 12 Preliminary Datasheet LP3219 Electrical Characteristics (L=1uH, CIN=22uF, COUT=22uF, VIN =VEN=5V, Typical values are TA=25℃ ) Symbol Parameter Condition Min Typ Max Units VIN Input Voltage 2.5 5.5 V VOUT Output Voltage Range 0.61 VIN V IQ Quiescent Current 150 220 µA ISHDN Shutdown Current EN=GND 1 µA ILIM P-Channel Current Limit 4 A RDS(ON)H High-Side Switch On Resistance 80 mΩ RDS(ON)L Low-Side Switch On Resistance 70 mΩ ISW_LEAK SW Leakage Current VEN=0V, VSW=0 or 5V, VIN=5V 1 µA VFB Feedback Threshold Voltage Accuracy 0.585 0.6 0.615 V IFB FB Leakage Current VFB=1.0V 30 nA FOSC Oscillator Frequency 1.5 MHz tS Startup Time From Enable to Output Regulation 110 µs TSD Over-Temperature Shutdown Threshold 150 ℃ VEN(L) Enable Threshold Low 0.4 V VEN(H) Enable Threshold High 1.4 V IEN Input Low Current VEN=5.0V 10 µA Note: Output Voltage: VOUT = 0.6×(1+R1/R2) Volts; |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |