| Electronic Components Datasheet Search |
|
LPS Marking, LP4055B5F Datasheet(PDF) 2 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP4055B5F Datasheet(HTML) 2 Page - Lowpower Semiconductor inc |
|
2 / 8 page ![]() LP4055-03 Apr.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 2 of 8 Preliminary Datasheet LP4055 Typical Application Circuit Functional Pin Description Package Type Pin Configurations SOT23-6 / TDFN-6 1 2 3 5 4 VCC PROG CHRG GND BAT PROG FULL VCC CHRG GND BAT 1 2 3 4 5 6 7 GND SOT23-5 TDFN-6 TOP VIEW Pin Description Pin Name Description SOT23-5 TDFN-6 1 6 CHRG Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low by an internal N-channel MOSFET. When the LP4055 detects an under voltage lockout condition or charge complete, CHRG is forced high impedance. 2 5,7 GND Ground. 3 4 BAT Charge Current Output. Provides charge current to the battery and regulates the final float voltage to 4.2V. An internal precision resistor divider from this pin sets the float voltage. 4 3 VCC Positive Input Supply Voltage. Provide power to the charger. VCC can range from 4.5V to 6.5V and should be bypassed with at least a 1µF capacitor. When VCC drops to within 30mV of the BAT pin voltage, the LP4055 enters shutdown mode, dropping IBAT to less than1µA. 5 1 PROG Charge Current Program and Charge Current Monitor Pin. The charge current is programmed by connecting a 1% resistor to ground(RPROG). When charging in constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be used to measure the charge current using the following formula: IBAT=1000/RPROG - 2 FULL Open-Drain Charge Complete Status Output. When the battery charge complete, the FULL pin is pulled low by an internal N-channel MOSFET. When the LP4055 is charging, FULL is forced high impedance. 10uF BATTERY GREEN RED 10uF CHRG CHRG_OK GND PROG VCC BATT LP4055QVF VIN 2.7K |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |