| Electronic Components Datasheet Search |
|
LPS Marking, LP4055B5F Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP4055B5F Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 8 page ![]() LP4055-03 Apr.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 8 Preliminary Datasheet LP4055 Electrical Characteristics (TA=25℃. VCC=5V, LP4055B5F,the specifications which apply over the full operating temperature range, unless otherwise noted.) Symbol Parameter Condition Min Typ Max Units VCC Adapter/USB Voltage Range 4.5 5 6.5 V ICC Input Supply Current Charge Mode, RPROG = 10k 300 1000 μA Standby Mode (Charge Terminated) 50 200 Shutdown Mode (RPROG NC, VCC<VBAT, or VCC<VUV) 50 VFLOAT Regulated Output (Float) Voltage 0℃≤TA≤85℃, LP4055B5F 4.158 4.2 4.242 V 0℃≤TA≤85℃, (LP4055B5F/QVF-43) 4.3 4.35 4.4 V IBAT BAT Pin Current RPROG=10k, Current Mode 80 100 120 mA RPROG=2k, Current Mode 400 500 600 Reverse Current, VBAT=-4.2V -1 Standby Mode, VBAT=4.2V Shutdown Mode (RPROG NC) Sleep Mode, VCC=0V -1 ±2 ±2 μA VTRIKL Trickle Charge Threshold Voltage RPROG=10k, VBAT Rising 2.8 2.9 3.0 V VTRHYS Trickle Charge Hysteresis Voltage RPROG=10k 60 80 110 mV VUV VCC Undervoltage Lockout Threshold From VCC Low to High 3.7 3.8 3.95 V VUVHYS VCC Undervoltage Lockout Hysteresis 500 mV VASD VCC–VBAT Lockout Threshold Voltage 100 mV ITERM Termination Current Threshold RPROG=10k 10 %IBAT RPROG=2k 10 VPROG PROG Pin Voltage RPROG=10k, Charge Mode 1 V VCHRG/FULL CHRG/FULL Pin Output Low Voltage ICHRG/FULL=5mA 0.35 0.6 V ICHRG/FULL CHRG/FULL Pin Weak Pull-Down Current VCHRG/FULL=5V 5 uA ΔVRECHRG Recharge Battery Threshold Voltage VFLOAT-VRECHRG 100 150 200 mV TLIM Junction Temperature in Constant Temperature Mode 150 ℃ RON Power FET “ON” Resistance (Between VCC and BAT) 500 mΩ tSS Soft-Start Time IBAT=0 to IBAT=1000V/RPROG 200 μs |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |