| Electronic Components Datasheet Search |
|
LPS Marking, LP6226B6F Datasheet(PDF) 2 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6226B6F Datasheet(HTML) 2 Page - Lowpower Semiconductor inc |
|
2 / 7 page ![]() LP6226/A-04 May.-2013 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 2 of 7 Preliminary Datasheet LP6226/A Functional Pin Description Package Type Pin Configurations SOT23-6 1 2 3 4 5 6 Pin Name Description 1 SW switching pin. 2 GND Ground. 3 FB Regulation Feedback Input. Connect to an external resistive voltage divider from the output to FB to set the output voltage. 4 EN Regulator ON/OFF Control Input. A logic high input(VEN>1.4V) turns on the regulator. A logic low input(VEN<0.4V) puts the LP6226 into low current shutdown mode. 5 VIN Power Supply pin. 6 NC No Connecter. Function Diagram FB EN SHUTDOWN CIRCUITRY UVLO SOFT START CONTROL AND DRIVER LOGIC SLOPE COMPENSASION OSCILLATOR OVP VIN SW GND OTP SHORT CIRCUIT COMP. Error Amp. PWM COMP. CURRENT SENSE AMP. 10μA 0.3V 0.6V/1.25V Σ + + + + - - - - |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |