| Electronic Components Datasheet Search |
|
LPS Marking, LP6226B6F Datasheet(PDF) 3 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6226B6F Datasheet(HTML) 3 Page - Lowpower Semiconductor inc |
|
3 / 7 page ![]() LP6226/A-04 May.-2013 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 3 of 7 Preliminary Datasheet LP6226/A Absolute Maximum Ratings Note 1 Input to GND ------------------------------------------------------------------------------------------------------ -03V to 6V SW Voltage to GND ----------------------------------------------------------------------------------------------------- 30V Other Pin Voltage to GND ----------------------------------------------------------------------------------------------- 6V Maximum Junction Temperature ---------------------------------------------------------------------------------- 150°C Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85°C Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Thermal Information Maximum Power Dissipation (PD,TA=25°C) ------------------------------------------------------------------- 0.45W Thermal Resistance (JA) ----------------------------------------------------------------------------------------- 250℃/W ESD Susceptibility HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V Electrical Characteristics (VIN =3.3V, VOUT=5V, CIN=10uF, COUT=22uF, L1=4.7uH, R1=110K, R2=15K) Parameter Condition Min Typ Max Units Supply Voltage 2.5 5.5 V Output Voltage Range 2.5 28 V Supply Current(Shutdown) VEN= 0V,VSW=5V 0.05 1 uA Supply Current VFB=0.7V 60 uA Feedback Voltage LP6226B6F 0.6 V LP6226AB6F 1.25 V Feedback Input Current VFB=0.7V 50 nA Switching Frequency 1 MHz Maximum Duty Cycle 80 90 95 % EN Input Low Voltage 0.4 V EN Input High Voltage 1.4 V High-side On Resistance VOUT=3.3V 300 mΩ MOSFET Current 1.5 A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |