| Electronic Components Datasheet Search |
|
LPS Marking, LP6236B6F Datasheet(PDF) 1 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6236B6F Datasheet(HTML) 1 Page - Lowpower Semiconductor inc |
|
1 / 9 page ![]() LP6236 Aug.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 1 of 9 Preliminary Datasheet LP6236 High Efficiency 2.0A Boost DC/DC Convertor General Description The LP6320A is a 800KHz PWM boost switching regulator designed for constant-voltage boost applications. The LP6236 can drive a string of up to 25V. The LP6236 implements a constant frequency 800KHz PWM control scheme. The high frequency PWM operation also saves board space by reducing external component sizes. The LP6236 features automatic shifting to pulse frequency modulation mode at light loads.Highly integration and internal compensation network minimizes as 6 external component counts. Optimized operation frequency can meet the requirement of small LC filters value and low operation current with high efficiency. The LP6236 includes under-voltage lockout, current limiting, and thermal overload protection to prevent damage in the event of an output overload. The LP6236 is available in a small SOT23-6/DFN-6 package. Order Information LP6236 □ □ □ F: Pb-Free Package Type B6: SOT23-6 QV:TDFN-6 Applications Battery products Host Products Panel Features Up to 94% efficiency Output to Input Disconnect at Shutdown Mode Shut-down current:<1uA Output voltage Up to 25V Internal Compensation, Soft-start 800KHz fixed frequency switching High switch on current:2.0A Available in SOT23-6/ TDFN-6 Package Typical Application Circuit Marking Information Device Marking Package Shipping LP6236B6F LPS 5XYWX SOT23-6 3K/REEL LP6236QVF LPS 5XYWX DFN-6 3K/REEL Marking indication: Y:Production year W:Production period X:Production batch R1 220K EN 4 SW 1 FB 3 GND 2 VIN 5 NC 6 LP6236B6F VIN VOUT C1 22uF C2 22uF R2 30K 4.7uH |
Similar Description - LP6236B6F |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |