| Electronic Components Datasheet Search |
|
LPS Marking, LP6236B6F Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6236B6F Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 9 page ![]() LP6236 Aug.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 9 Preliminary Datasheet LP6236 Electrical Characteristics (VIN=3.3V, VOUT=5V, CIN=10uF, COUT=22uF, L=4.7uH, R1=220K, R2=30K) Parameter Condition Min Typ. Max Units Supply Voltage 2.2 6 V Output Voltage Range 2.5 25 V Supply Current(Shutdown) VEN=VOUT=0V, VSW=5V 0.05 1 uA Supply Current VEN=2V 200 uA Feedback Voltage 0.588 0.6 0.612 V Feedback Input Current VFB=0.6V 50 nA Switching Frequency 800 KHz Maximum Duty Cycle 80 90 95 % EN Input Low Voltage 0.4 V EN Input High Voltage 1.4 V Switch MOSFET Current Limit 2.0 A High-side On Resistance VOUT=3.3V 220 300 mΩ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |