| Electronic Components Datasheet Search |
|
LPS Marking, LP6236QVF Datasheet(PDF) 2 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6236QVF Datasheet(HTML) 2 Page - Lowpower Semiconductor inc |
|
2 / 9 page ![]() LP6236 Aug.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 2 of 9 Preliminary Datasheet LP6236 Functional Pin Description Package Type Pin Configurations SOT23-6 / TDFN-6 NC EN VIN GND FB 5 4 3 2 SW 6 1 GND VIN FB NC SW 1 2 3 4 5 6 EN GND 7 SOT23-6 TDFN-6 Pin Name Description SOT23-6 TDFN-6 1 6 SW switching pin. 2 1 GND Ground. 3 4 FB Regulation Feedback Input. Connect to an external resistive voltage divider from the output to FB to set the output voltage. 4 3 EN Regulator ON/OFF Control Input. A logic high input(VEN>1.4V) turns on the regulator. A logic low input(VEN<0.4V) puts the LP6236 into low current shutdown mode. 5 2 VIN Power Supply pin. 6 5 NC No Connection. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |