| Electronic Components Datasheet Search |
|
LPS Marking, LP6236QVF Datasheet(PDF) 3 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6236QVF Datasheet(HTML) 3 Page - Lowpower Semiconductor inc |
|
3 / 9 page ![]() LP6236 Aug.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 3 of 9 Preliminary Datasheet LP6236 Function Diagram FB EN SHUTDOWN CIRCUITRY UVLO SOFT START CONTROL AND DRIVER LOGIC SLOPE COMPENSASION OSCILLATOR OVP VIN SW GND OTP SHORT CIRCUIT COMP. Error Amp. PWM COMP. CURRENT SENSE AMP. 10μA 0.3V 0.6V Σ + + + + - - - - Absolute Maximum Ratings Note 1 Input Voltage to GND --------------------------------------------------------------------------------------------------- 6.5V SW Voltage to GND ----------------------------------------------------------------------------------------------------- 27V Other pin Voltage to GND --------------------------------------------------------------------------------------------- 6.5V Maximum Junction Temperature ---------------------------------------------------------------------------------- 125℃ Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85℃ Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260℃ Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Thermal Information Maximum Power Dissipation (SOT23-6, PD,TA=25℃) ----------------------------------------------------- 0.45W Thermal Resistance (SOT23-6, JA) -------------------------------------------------------------------------- 250℃/W Maximum Power Dissipation (TDFN-6, PD,TA=25℃) -------------------------------------------------------- 0.8W Thermal Resistance (TDFN-6, JA) ---------------------------------------------------------------------------- 150℃/W ESD Susceptibility HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |