| Electronic Components Datasheet Search |
|
LPS Marking, LP6255QVF Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6255QVF Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 10 page ![]() LP6255-02 Feb.-2014 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 10 Preliminary Datasheet LP6255 Function Block Diagram SLOPE COMPENSAION CURRENT SENSER INTERNAL COMPENSATION CONTROL LOGIC OSC FB GND VOUT REF HDR LDR LX Voltage regulation COMP Soft Start SS BST CS Voltage Filter VIN EN RT VREF MODE SLP Absolute Maximum Ratings Note 1 Input, CS to GND --------------------------------------------------------------------------------------------- -0.3V to 33V HDR, BST to GND ------------------------------------------------------------------------------------------- -0.3V to 40V LX to GND ------------------------------------------------------------------------------------------------------ -0.3V to 35V OUT to GND --------------------------------------------------------------------------------------------------- -0.3V to 33V Other Pin to GND ----------------------------------------------------------------------------------------------- -0.3V to 6V Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃ Operating Ambient Temperature Range -------------------------------------------------------- -40℃ to 85℃ Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260℃ Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Thermal Information Maximum Power Dissipation (TQFN-20, PD,TA=25℃) ------------------------------------------------------- 1.2W Thermal Resistance (TQFN-20, JA) ---------------------------------------------------------------------------- 95℃/W ESD Susceptibility HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |