| Electronic Components Datasheet Search |
|
LPS Marking, LP6255QVF Datasheet(PDF) 5 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6255QVF Datasheet(HTML) 5 Page - Lowpower Semiconductor inc |
|
5 / 10 page ![]() LP6255-02 Feb.-2014 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 5 of 10 Preliminary Datasheet LP6255 Electrical Characteristics (VIN=5V, VOUT=12V, L=10uH, R1=123K, R2=15K, RT=400K, RSLP=51K) Parameter Condition Min Typ Max Units Supply Voltage 2.5 30 V Output Voltage Range 2.8 30 V VREF Voltage 4.5 5 5.2 V Supply Current(Shutdown) VEN=0V 10 30 μA Supply Current VFB=1V 2.5 mA Voltage for Input Current Limit(VCS) Cycle-by-cycle current limit threshold 100 mV Feedback Voltage 1.31 V Feedback Input Current VFB=1.3V 100 nA Switching Frequency RT=400KΩ 250 KHz Maximum Duty Cycle 80 90 95 % LDR HIGH Voltage VIN=5V, VOUT=12V 5 V HDR HIGH Voltage VIN=5V, VOUT=12V 17 V EN Input Low Voltage 1 V EN Input High Voltage 2.5 6 V EN Input Bias Current VEN=5V, IOUT=0A 100 μA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |