| Electronic Components Datasheet Search |
|
LPS Marking, LP6282 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6282 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc |
|
6 / 9 page ![]() Preliminary Datasheet LP6282 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 6 of 9 LP6282–00 Version 0.1 SET.-2017 Electrical Characteristics (VIN =5V, VAVDD=10V, VPCP=18V, VNCP=-7V, TA=25°C, unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units General Input Supply Voltage VIN 2.5 5.5 V AVDD AVDD 6 12 V Boost Switching Frequency FLX 1.25 1.5 1.75 MHz Charge Pump Frequency FCP 400 500 600 kHz VIN Supply Current IQ VFB=1.3V, LX no Switching 0.3 mA VFB=1V, LX Switching 2 5 mA VIN Shutdown Current ISD 0.1 1 uA Input UVLO Threshold VUVLO VIN Rising 2.15 2.25 2.35 V UVLO Threshold Hysteresis VUVLO(HYS) Falling Hysteresis 100 mV Reference Voltage VREF IREF=0~2mA 1.225 1.25 1.275 V Thermal Shutdown Threshold TSD 160 °C Thermal Shutdown Hysteresis 30 °C Boost Regulator Maximum Duty-Cycle DMAX 86 90 94 % Feedback Voltage VFB 1.225 1.25 1.275 V Feedback Input Current IFB -50 50 nA Switch-ON Resistance RDS(ON) VIN=3.6V 500 m Ω Current Limit ILimit 2 A LX Leak Current ILeak LX Off. -1 1 µA Internal Soft Start Time TSS 2 ms Enable Input Input Threshold Voltage VIH Logic High. 0.7xVIN V VIL Logic Low 0.3xVIN Enable Input Current IEN -1 1 uA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |