Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LPS Marking, LP6282 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6282
Description  LCD Bias Power for Panel
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6282 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6282 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP6282
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 1 of 9
LP6282–00 Version 0.1 SET.-2017
LCD Bias Power for Panel
General Description
The
LP6282
includes
a
high-efficiency
boost
regulator, a VCOM buffer, and dual charge pump
controller for active matrix TFT LCDs.
The
converter
is
a
high
switching
frequency
current-mode
regulator
with
an
integrated
N-Channel MOSFET that allows the use of small
inductors and ceramic capacitors.
The charge pump controller provides regulated TFT
Gate-On voltage. The regulation of the charge pump
is generated by the internal comparator that senses
the output voltage and compares it with an internal
reference.
The Unity-Gain buffer can drive the VCOM voltage,
that features high short-circuit current, fast slew rate
and rail-to-rail inputs and outputs.
Other features include under-voltage protection,
short circuit protection, thermal shutdown protection
and under-voltage lockout (UVLO). The
LP6282 is
available in a space saving QFN-20 (0.4mm pitch)
package.
Order Information
LP6282□□□
F: Green
Package Type
QV: QFN-20
Features
Wide VIN Range: 2.5V to 5.5V
1.5MHz Current-Mode Boost Regulator
Fast Transient Response to Pulsed Load
Cycle by Cycle Current Limit
Adjustable Soft-Start
Control External P-MOS to Power Saving
VGH and VGL Charge Pump
Operation Amplifier for VCOM Buffer
Short Circuit Protection
Under-Voltage Protection
Over-Temperature Protection
Available in QFN-20 (3mm×3mm)
RoHS Compliant and Halogen Free
Pb-Free Package
Applications
 LCD Panel
Marking Information
Device
Marking
Package
Shipping
LP6282
LPS
LP6282
YWX
QFN-20
3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Description - LP6282

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
logo
Anpec Electronics Corop...
APW7276 ANPEC-APW7276 Datasheet
377Kb / 21P
PMIC for LCD Bias Power
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
Integrated LCD Bias Power Supply
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
G5567 GMT-G5567 Datasheet
118Kb / 1P
6-CH Bias Power Supply for LCD TVs
logo
Texas Instruments
LM3631 TI1-LM3631 Datasheet
1Mb / 57P
Complete LCD Backlight and Bias Power
logo
Anpec Electronics Corop...
APW7279 ANPEC-APW7279 Datasheet
303Kb / 21P
PMIC for LED BL LCD Bias Power
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com