| Electronic Components Datasheet Search |
|
A6 Marking, BGU2003 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGU2003 Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 8 page ![]() 2002 May 17 5 Philips Semiconductors Preliminary specification SiGe MMIC amplifier BGU2003 Scattering parameters: VS =2.5 V; IS =10mA; Tamb =25 °C Noise parameters: VS =2.5 V; IS =10mA; Tamb =25 °C f (MHz) s11 s21 s12 s22 MAGNITUDE (ratio) ANGLE (deg) MAGNITUDE (ratio) ANGLE (deg) MAGNITUDE (ratio) ANGLE (deg) MAGNITUDE (ratio) ANGLE (deg) 100 0.837 −10.6 19.216 163.9 0.007 77.3 0.976 −7.1 200 0.783 −19.9 17.589 151.7 0.012 77.2 0.920 −13.2 300 0.713 −28.4 16.321 142.4 0.018 76.7 0.861 −17.1 400 0.645 −36.0 15.046 134.5 0.022 72.9 0.805 −19.8 500 0.581 −42.0 13.701 127.7 0.027 75.2 0.759 −21.9 600 0.519 −47.1 12.709 121.6 0.031 74.8 0.718 −22.8 700 0.474 −50.8 11.602 116.8 0.034 75.0 0.689 −23.4 800 0.433 −53.3 10.631 112.6 0.038 75.3 0.664 −24.1 900 0.397 −55.2 9.791 108.8 0.042 76.3 0.644 −24.4 1000 0.369 −56.9 8.951 106.0 0.046 76.1 0.627 −25.2 1100 0.342 −58.4 8.314 103.6 0.050 77.3 0.610 −25.6 1200 0.320 −60.2 7.730 101.1 0.055 77.6 0.599 −26.4 1300 0.301 −62.1 7.275 99.4 0.058 78.4 0.591 −27.2 1400 0.286 −64.4 6.912 97.1 0.063 78.1 0.583 −28.0 1500 0.273 −66.7 6.493 94.8 0.066 78.2 0.578 −28.6 1600 0.262 −68.5 6.078 93.5 0.071 78.9 0.572 −29.0 1700 0.252 −7.08 5.783 91.8 0.074 78.9 0.564 −29.6 1800 0.241 −73.7 5.475 90.9 0.078 79.8 0.553 −30.0 1900 0.229 −77.0 5.289 89.9 0.083 79.7 0.543 −30.7 2000 0.221 −81.1 5.094 88.4 0.088 79.5 0.530 −31.9 2100 0.216 −85.5 4.911 87.2 0.092 79.4 0.518 −33.6 2200 0.215 −88.9 4.779 85.6 0.098 79.6 0.512 −35.6 2300 0.229 −91.6 4.588 84.3 0.104 78.7 0.515 −38.2 2400 0.237 −97.0 4.446 83.8 0.107 78.6 0.515 −40.7 2500 0.240 −99.3 4.325 82.3 0.111 79.1 0.523 −42.3 2600 0.243 −101.1 4.145 81.9 0.115 80.1 0.532 −43.0 2700 0.243 −102.9 4.105 81.6 0.121 80.4 0.537 −43.3 2800 0.238 −104.9 4.038 80.2 0.124 80.4 0.538 −43.0 2900 0.233 −106.8 3.924 78.5 0.129 80.3 0.532 −43.2 3000 0.224 −109.0 3.795 76.7 0.132 80.0 0.519 −43.1 f (MHz) NFmin (dB) gamma opt. Rn / 50 Ω MAGNITUDE (ratio) ANGLE (deg) 900 1.0 0.19 14 0.16 1800 1.1 0.08 60 0.14 2500 1.3 0.07 90 0.14 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |