Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

A6 Marking, BGU2003 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGU2003
Description  SiGe MMIC amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGU2003 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGU2003 Datasheet HTML 1Page - NXP Semiconductors BGU2003 Datasheet HTML 2Page - NXP Semiconductors BGU2003 Datasheet HTML 3Page - NXP Semiconductors BGU2003 Datasheet HTML 4Page - NXP Semiconductors BGU2003 Datasheet HTML 5Page - NXP Semiconductors BGU2003 Datasheet HTML 6Page - NXP Semiconductors BGU2003 Datasheet HTML 7Page - NXP Semiconductors BGU2003 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2002 May 17
2
Philips Semiconductors
Preliminary specification
SiGe MMIC amplifier
BGU2003
FEATURES
• Low current
• Very high power gain
• Low noise figure
• Integrated temperature compensated biasing
• Control pin for adjustment bias current
• Supply and RF output pin combined.
APPLICATIONS
• RF front end
• Wideband applications, e.g. analog and digital cellular
telephones, cordless telephones (PHS, DECT, etc.)
• Low noise amplifiers
• Satellite television tuners (SATV)
• High frequency oscillators.
DESCRIPTION
Silicon MMIC amplifier consisting of an NPN double
polysilicon transistor with integrated biasing for low voltage
applications in a plastic, 4-pin SOT343R package.
PINNING
PIN
DESCRIPTION
1GND
2RF in
3
CTRL (bias current control)
4VS + RF out
handbook, halfpage
Top view
MAM427
21
4
3
BIAS
CIRCUIT
CTRL
RFin
GND
VS+RFout
Marking code: A6
Fig.1 Simplified outline (SOT343R) and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VS
DC supply voltage
RF input AC coupled
−
4.5
V
IS
DC supply current
VVS-OUT = 2.5 V; ICTRL =1mA;
RF input AC coupled
10
−
mA
MSG
maximum stable gain
VVS-OUT = 2.5 V; f = 1 800 MHz;
Tamb =25 °C
18
−
dB
NF
noise figure
VVS-OUT = 2.5 V; f = 1 800 MHz; ΓS = Γopt
1.1
−
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com