| Electronic Components Datasheet Search |
|
UZ Marking, FUSB252UMX Datasheet(PDF) 7 Page - ON Semiconductor |
|
||||||||||||||||||||||||||||||
FUSB252UMX Datasheet(HTML) 7 Page - ON Semiconductor |
|
7 / 18 page ![]() © 2017 Semiconductor Components Industries, LLC www.onsemi.com FUSB252 • Rev. 1.5 6 DC Electrical Characteristics Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA=25°C and VDD=4.2 V unless otherwise specified. Symbol Parameter VDD (V) Conditions TA = -40 to +85°C TJ=-40 to +125°C Unit Min. Typ. Max. Basic Operation Device ICC Quiescent Supply Current 2.7 to 5.5 /OE = L, IOUT =0 9 µA /OE = H IOUT =0 9 IOFF Power-Off Leakage Current 0 3 µA Basic Operation CC switch ISD(DB) Dead Battery Supply Current 0 to UVLO Dead Battery State Supply Current 15 uA RON CC Path On Resistance 2.7 to 5.5 IOUT = 200 mA 350 480 mΩ VOV_TRIP Input OVP Lockout 2.7 to 5.5 VICC Rising 5.65 6.20 V VICC Falling 5.3 VOV_HYS Input OVP Hysteresis 2.7 to 5.5 0.35 V VUVLO Under-Voltage Lockout 2.7 to 5.5 VDD Rising 2.55 2.70 V VDD Falling 2.5 TSD Thermal Shutdown (1) Shutdown Threshold 150 °C Return from Shutdown 130 Hysteresis 20 Rd Dead Battery Pull-Down Resistance 0 to UVLO Dead Battery Resistance 4.08 5.10 6.12 kΩ Voltage on Pin 0.25 2.6 V Basic Operation HSD Switch VOV_TRIP Input OVP Lockout 2.7 to 5.5 VHSD± Rising 4.4 5.0 V VHSD± Falling 4.1 VOV_HYS Input OVP Hysteresis 2.7 to 5.5 0.3 V VUV_TRIP Input Under-Voltage Lockout 2.7 to 5.5 -1.2 V VIH Input Voltage High 2.7 to 5.5 1.3 V VIL Input Voltage Low 2.7 to 5.5 0.5 V IIN Control Input Leakage 2.7 to 5.5 VSW = 0 to VDD 0.1 µA IOZ Off State Leakage 4.2 0≤HSDn ≤3.6 V 2 µA 4.2 0≤HSD1n±, HSD2n± ≤3.6 V 100 nA RON HS Switch On Resistance 4.2 VSW = 0.4 V, ION = -8 mA 5 Ω ΔRON HS Delta RON 4.2 VSW = 0.4 V, ION = -8 mA 0.1 Ω Note: 1. Guaranteed by characterization, not production tested |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |