| Electronic Components Datasheet Search |
|
UZ Marking, FUSB252UMX Datasheet(PDF) 2 Page - ON Semiconductor |
|
||||||||||||||||||||||||||||||
FUSB252UMX Datasheet(HTML) 2 Page - ON Semiconductor |
|
2 / 18 page ![]() January 20177 © 2017 Semiconductor Components Industries, LLC www.onsemi.com FUSB252 • Rev. 1.5 FUSB252 Type-C CC with High Speed Digital (HSD) Port Protection Switch Features § Fully Type-C Port Protection § Supports USB Type-C TM Specification 1.2 § VCC 0 V- 5.5 V § 20 V DC Protection on VCC § 16 V DC protection on HSD Port § VDD Operating Range, 2.7 V- 5.5 V § Current Capability: 1 A § CC RON: 0.3 Ω Typical § HSD RON: 5 Ω Typical § Wide -3 db Bandwidth: 1 GHz § Low Power Operation: ICC = 9 µA Typical § Dead Battery Support (UFP Support when No Power Applied) § CC Over-Voltage Protection: Typical = 5.6 V Description The FUSB252 is an integrated port protection switch for USB Type-C applications. This product will protect HSD+/- and CCx pins when stressed with voltages up to 20 V. Over-Voltage Protection (OVP) at 5.8 V typical will protect the system for Electrical Overstress (EOS) damage. With a fully integrated USB 2.0 switch for HSD+/-, this product can be easily integrated into existing solutions. The HSD switches can pass USB 2.0 signals with bandwidth 1 GHz to maintain signal integrity and eye compliance. The CC switches have very low RON of 0.3 Ω to minimize signal attenuation. The FUSB252 also provides Dead Battery support per the Type-C specification Additional features include Under-Voltage Lockout (UVLO) and thermal shutdown. Applications § Smartphones § Tablets § Laptops CC Protection Dead Battery Rd OVP Logic& Control Type C Controller PMIC GND VBUS GND FUSB252 High Speed Digital Protection MUX HSD+ HSD- HSD1+ HSD1- AP INTB / FLAGB /OE SEL HSD2+ HSD2- Charger VSYS VDD VOCC1 VOCC2 VBUS VICC1 VICC2 Figure 1. Typical Application Ordering Information Part Number Operating Temperature Range Package Packing Method Top Mark FUSB252UMX -40 to 85°C 16-Lead Ultrathin Molded Leadless Package (UMLP) 1.8 x 2.6 mm Tape and Reel UZ USB Type-C TM is a trademark of USB Implementers Forum, Inc. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |