| Electronic Components Datasheet Search |
|
DAPK Marking, IXTY44N10T Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
||||||||||||||||||||||||||||||
IXTY44N10T Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited |
|
2 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.cn isc & iscsemi is registered trademark 2 Isc N-Channel MOSFET Transistor IXTY44N10T ELECTRICAL CHARACTERISTICS TC=25℃ unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT BVDSS Drain-Source Breakdown Voltage VGS=0V; ID= 0.25mA 100 V VGS(th) Gate Threshold Voltage VDS= ±30V; ID=0.25mA 2.5 4.5 V RDS(on) Drain-Source On-Resistance VGS= 10V; ID=22A 22 30 mΩ IGSS Gate-Source Leakage Current VGS= ±20V;VDS= 0V ± 0.1 μ A IDSS Drain-Source Leakage Current VDS=100V; VGS= 0V;Tj=25℃ Tj=150℃ 1 100 μ A VSDF Diode forward voltage ISD=25A, VGS = 0 V 1.1 V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |