| Electronic Components Datasheet Search |
|
DAPK Marking, IXTY44N10T Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited |
|
||||||||||||||||||||||||||||||
IXTY44N10T Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited |
|
1 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.cn isc & iscsemi is registered trademark 1 Isc N-Channel MOSFET Transistor IXTY44N10T · FEATURES · With To-252(DPAK) package · Low input capacitance and gate charge · Low gate input resistance · 100% avalanche tested · Minimum Lot-to-Lot variations for robust device performance and reliable operation · APPLICATIONS · Switching applications · ABSOLUTE MAXIMUM RATINGS(Ta=25℃) SYMBOL PARAMETER VALUE UNIT VDSS Drain-Source Voltage 100 V VGSS Gate-Source Voltage ± 30 V ID Drain Current-ContinuousTc=25℃ Tc=100℃ 44 25 A IDM Drain Current-Single Pulsed 140 A PD Total Dissipation @TC=25℃ 130 W Tj Max. Operating Junction Temperature 175 ℃ Tstg Storage Temperature -55~175 ℃ · THERMAL CHARACTERISTICS SYMBOL PARAMETER MAX UNIT Rth(ch-c) Channel-to-case thermal resistance 1.15 ℃ /W Rth(ch-a) Channel-to-ambient thermal resistance 55 ℃ /W |
Similar Description - IXTY44N10T |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |