Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

A1SHB Marking, DO2301C Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # DO2301C
Description  P-Channel MOSFET uses advanced trench technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

DO2301C Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  DO2301C Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DO2301C Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DO2301C Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DO2301C Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DO2301C Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.doingter.cn
—
2 —
DO2301C
Electrical Characteristics:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=-250μA
-20
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=-20V
---
---
-1
μA
IGSS
Gate-Source Leakage Current
VGS=±12V, VDS=0A
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=-250μA
-0.4
0.7
-1
V
RDS(ON)
Drain-Source On Resistance
VGS=-4.5V,ID=-2A
---
102
120
mΩ
VGS=-2.5V,ID=-2A
---
170
GFS
Forward Transconductance
VDS=-5V, ID=-2 A
---
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS=-10V, VGS=0V, f=1MHz
---
290
---
pF
Coss
Output Capacitance
---
60
---
Crss
Reverse Transfer Capacitance
---
34
---
Switching Characteristics
td(on)
Turn-On Delay Time
VDD= -10V, RL=5Ω
VGS=-4.5V,RG=3Ω
---
10
---
ns
tr
Rise Time
---
5
---
ns
td(off)
Turn-Off Delay Time
---
21
---
ns
tf
Fall Time
---
7
---
ns
Qg
Total Gate Charge
VGS=-4.5V, VDS=-10V,
ID=-2A
---
3
---
nC
Qgs
Gate-Source
Charge
---
0.5
---
nC
Qgd
Gate-Drain “Miller” Charge
---
0.8
---
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
3
VGS=0V,IS=-2A
---
---
-1.2
V
ls
---
---
-2
A
---
140
4
Diode Forward Current
2
3
4
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com