| Electronic Components Datasheet Search |
|
A1SHB Marking, LCE2301C Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
LCE2301C Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
2 / 2 page ![]() Parameter Symbol Test Condition Min Typ Max Units Static Drain- source breakdown voltage V(BR)DSS VGS = 0V, ID =-250µA -20 V Gate- source threshold voltage VGS(th) VDS =VGS, ID =-250µA -0.4 -1 Gate- source leakage IGSS VDS =0V, VGS = ±8V ±100 nA Zero gate voltage drain current IDSS VDS =-20V, VGS =0V -1 µA Drain- source on-state resistance RDS(on) VGS =-4.5V, ID =-2.0A 0.130 0.160 Ω VGS =-2.5V, ID =-1.5A 0.180 0.250 Forward transconductance a gfs VDS =-5V, ID =-2.8A 4.0 S Dynamic b Input capacitance Ciss VDS =-10V,VGS =0V,f =1MHz 405 pF Output capacitance Coss 75 Reverse transfer capacitance Crss 55 Total gate charge Qg VDS =-10V,VGS =-4.5V,ID =-3A 5.5 10 nC VDS =-10V,VGS =-2.5V,ID =-3A 3.3 6 Gate- source charge Qgs 0.7 Gate- drain charge Qgd 1.3 Gate resistance Rg f =1MHz 6.0 Ω Turn- on delay time td(on) VDD=-10V, RL=10Ω, ID =-1A, VGEN=-4.5V,Rg=1Ω 11 20 ns Rise time tr 35 60 Turn- off delay time td(off) 30 50 Fall time tf 10 20 Drain-source body diode characteristics Continuous source-drain diode current IS TC=25 ℃ -1.3 A Pulse diode forward current ISM -10 Body diode voltage VSD IS=-0.7A -0.8 -1.2 V Notes : a.Pulse Test : Pulse Width < 300µs, Duty Cycle ≤2%. b.Guaranteed by design, not subject to production testing. a a MOSFET ELECTRICAL CHARACTERISTICS a T =25 ℃ unless otherwise specified LCE2301C Shanghai Leiditech Electronic Co.,Ltd Email: sale1@leiditech.com Tel : +86- 021 50828806 Fax : +86- 021 50477059 Rev : www.leiditech.com 01.06.2018 2/2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |