| Electronic Components Datasheet Search |
|
L43 Marking, BAT54CW Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
BAT54CW Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
2 / 3 page ![]() Notes: 1. A 2.0 k Ω variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp » trr +10 V 2 k 820 Ω 0.1 µF DUT VR 100 µH 0.1 µF 50 Ω OUTPUT PULSE GENERATOR 50 Ω INPUT SAMPLING OSCILLOSCOPE tr tp t 10% 90% IF IR trr t iR(REC) = 1 mA OUTPUT PULSE (IF = IR = 10 mA; measured at iR(REC) = 1 mA) IF INPUT SIGNAL Figure 1. Recovery Time Equivalent Test Circuit 100 0.0 0.1 VF, FORWARD VOLTAGE (VOLTS) 0.2 0.3 0.4 0.5 10 1.0 0.1 85 °C 10 0 VR, REVERSE VOLTAGE (VOLTS) 1.0 0.1 0.01 0.001 510 15 20 25 14 0 VR, REVERSE VOLTAGE (VOLTS) 12 4 2 0 510 15 30 Figure 2. Forward Voltage Figure 3. Leakage Current Figure 4. Total Capacitance –40 °C 25 °C TA = 150°C TA = 125°C TA = 85°C TA = 25°C 0.6 –55 °C 150 °C 125 °C 100 1000 30 25 20 6 8 10 BAT54CW Rev : www.leiditech.com 01.06.2018 2/3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |